Part Number Hot Search : 
OV7411P 5262B 4920M KP120 TC74AC TFHD6 56F80 GBPC50
Product Description
Full Text Search
 

To Download BU941ZPFI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
BU941ZPFI
DESCRIPTION With TO-3PML package DARLINGTON High breakdown voltage APPLICATIONS High ruggedness electronic ignitions
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PML) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL VCEO VEBO IC ICM IB IBM PT Tj Tstg
Collector-emitter voltage

PARAMETER
CONDITIONS Open base
Emitter-base voltage
HAN INC
Collector current Collector current-peak Base current Base current-peak Total power dissipation
SEM GE
Open collector
OND IC
TOR UC
VALUE 350 5 15 30 1 5
UNIT V V A A A A W ae ae
TC=25ae
65 175 -65~175
Max.operating junction temperature Storage temperature
THERMAL CHARACTERISTICS
SYMBOL Rth j-case PARAMETER Thermal resistance junction case MAX 2.3 UNIT ae /W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACT ERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN
BU941ZPFI
SYMBOL
TYP.
MAX
UNIT
VCL
Clamping voltage
IC=0.1 A ;IB=0
350
500
V
VCEsat-1 VCEsat-2
Collector-emitter saturation voltage
IC=8A; IB=100m A IC=10A; IB=250m A
1.8
V
Collector-emitter saturation voltage
1.8
V
VCEsat-3
Collector-emitter saturation voltage
IC=12A; IB=300m A
2.0
V
VBEsat-1
Base-emitter saturation voltage
IC=8A; IB=100m A
2.2
V
VBEsat-2
Base-emitter saturation voltage
IC=10A; IB=250m A
2.5
V
VBEsat-3
Base-emitter saturation voltage
ICEO IEBO
IN
Collector cut-off current

IC=12A; IB=300m A VCE=300V; IB=0 TC=125ae
2.7
V
Emitter cut-off current
hFE
DC current gain
VF
Diode forward voltage
ANG CH
EMIC ES
IC=5A ; VCE=10V IF=10A
VEB=5V; IC=0
DUC ON
300
TOR
0.1 0.5 20 2.5
mA
mA
V
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
BU941ZPFI
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 outline dimensions
3


▲Up To Search▲   

 
Price & Availability of BU941ZPFI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X